Part Number Hot Search : 
2N264 ISL6526 SI7921DN A3949SLP A3949SLP MA4E2513 HA8001 EA87FL30
Product Description
Full Text Search
 

To Download NTE7024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7024 Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
Features: D 2 Outputs D Output Voltage Select Function Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum DC Input Voltage, VIN (DC) Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Maximum Average Output Current, IO Max VO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A VO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A Operating Case Temperature, TC Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105C Junction Temperature, TJ Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +105C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Output Voltage Setting VO1 VO2 Output Cutoff Residual Voltage Ripple Compression Ratio Temperature Coefficient Load Regulation Input Regulation Minimum Input-Output Voltage Difference Condition 1 Condition 2 VB = 18V, IO1 = 1A VIN (DC) = VB = 18V, IO1 = 0.2A, IO2 = 0.4A Test Conditions Min 9.7 11.6 - - - - - - 1.5 Typ 9.8 11.7 - - - - - - - Max 9.9 11.8 0.1 0.3 0.02 35 35 35 - V V % %/C mV/A mV/V Unit V
Test Conditions: Condition 1: VIN (DC) = VB = 15V to 22V, IO1 = 0.2A, IO2 = 0.4A Condition 2: VIN (DC) = VB = 18V, IO1 = 0 to 1A, IO2 = 0 to 1A
Pin Connection Diagram (Front View)
8 7 6 5 4
GND VIN (DC) VB VO 2 (11.7V @ 2A) VO 2 (11.7V @ 2A) VO 1 (9.8V @ 1A) GND
3 VB 2 1
1.750 (44.45) 1.440 (36.57) .512 (13.0) .945 (24.0) .335 (8.5) 1.020 (25.9)
1
10
.100 (2.54) .900 (22.86)


▲Up To Search▲   

 
Price & Availability of NTE7024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X